Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56600FM/AD Datasheet(PDF) 36 Page - NXP Semiconductors

Part # DSP56600FM/AD
Description  INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56600FM/AD Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button DSP56600FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 38Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 39Page - NXP Semiconductors DSP56600FM/AD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Preliminary
1-30
DSP56651 Technical Data Sheet
MOTOROLA
Pin and Signal Descriptions
DSP56651 Signal Description
Smart Card Port
After rest, the default state of all Smart Card port pins is GPI. For Smart Card port
signals equipped with resistors, all pull-ups and pull-downs are automatically
disconnected when the pin is an output.
Table 1-17
Smart Card Port Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
SIMCLK
Output
Input or
Output
Input
SIM clock—
This signal is an output clock from the Smart Card port
to the Smart Card.
This signal is a GPIO signal when the Smart Card Port is not being
used.
SENSE
Input
Input or
Output
Input
SIM sense—
This signal is a Schmitt trigger input that signals when
a Smart Card is inserted or removed.
This signal is a GPIO signal when the Smart Card port is not being
used. The signal has an on-chip 100 k
Ω pull-down resistor.
SIMDATA
Input/
Output
Input or
Output
Input
SIM data—
This bidirectional signal is used to transmit data to and
receive data from the Smart Card. In the output state, the signal is
open-drain.
This signal is a GPIO signal when the Smart Card port is not being
used. The signal has an on-chip 47 k
Ω pull-up resistor.
SIMRESET
Output
Input or
Output
Input
SIM reset—
This signal is an output reset signal from the Smart
Card port to the Smart Card. The Smart Card port can activate the
reset of an attached Smart Card by driving SIMRESET low.
This signal is a GPIO signal when the Smart Card port is not being
used.
PWR_EN
Output
Input or
Output
Input
SIM power enable—
This active high output enables the external
device that supplies VCC to the Smart Card. If this pin is driven
high, the external device supplies power to the Smart Card. Driving
the signal low cuts off power to card. This permits effective power
management and power sequencing for Smart Card enable/disable.
This signal is a GPIO signal when the Smart Card port is not being
used. This signal has an on-chip 100 k
Ω pull-down resistor.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com