Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 19Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 20Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
General Description
Signal Description
MC68HC05RC17 — Rev. 2.0
General Release Specification
General Description
An external clock should be applied to the OSC1 input with the OSC2 pin
not connected (see Figure 1-4 (b)). This setup can be used if the user
does not want to run the CPU with a crystal.
NOTE:
The PLL design requires a 32.768-kHz external frequency for proper
operation.
Figure 1-4. Oscillator Connections
1.5.4 RESET
This active-low pin is used to reset the MCU to a known startup state by
pulling RESET low. The RESET pin contains an internal Schmitt trigger
as part of its input to improve noise immunity. See Section 5. Resets.
1.5.5 LPRST
The LPRST pin is an active-low pin and is used to put the MCU into low-
power reset mode. In low-power reset mode the MCU is held in reset
with all processor clocks halted. See Section 5. Resets.
<
OSC1
OSC2
OSC1
OSC2
MCU
MCU
EXTERNAL CLOCK
UNCONNECTED
(a) Crystal/Ceramic Resonator
(b) External Clock Source
10 M
Ω
Oscillator Connections
Connections
30 pF
30 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com