Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
Phase-Locked Loop (PLL) Synthesizer
General Release Specification
MC68HC05RC17 — Rev. 2.0
Phase-Locked Loop (PLL) Synthesizer
Figure 10-1. PLL Circuit
To change PLL frequencies, follow this 6-step procedure:
1. Clear BCS to enable the low frequency bus rate
2. Clear PLLON to disable the PLL and select manual high
bandwidth
3. Select the speed using PS1 and PS0
4. Set PLLON to enable the PLL
5. Wait a time of 90% tPLLS for the PLL frequency to stabilize and
select manual low bandwidth, wait another 10% tPLLS
NOTE:
Typically, tPLLS equals 10 ms.
6. Set BCS to switch to the high-frequency bus rate
The user cannot switch among the high speeds with the BCS bit set.
Following the procedure above will prevent possible bursts of high
frequency operation during the re-configuration of the PLL.
Whenever the PLL is first enabled, the wide bandwidth mode is used.
This enables the PLL frequency to ramp up quickly. When the output
frequency is near the desired frequency, the filter is switched to the
narrow bandwidth mode to make the final frequency more stable.
LOOP FILTER
VCO
PHASE
PCOMP
PLLOUT
FREQUENCY
DIVIDER
t
FB
OSC1
XFC
CRYSTAL
OSCILLATOR
PS1
PS0
TO CLOCK
V
DDSYN
DETECT
GENERATION
CIRCUITRY
CLOCK
SELECT
BCS
t
REF
0.1
µF
0.1
µF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com