Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 48 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 44Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 45Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 46Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 47Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 48Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 49Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 50Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
Resets
General Release Specification
MC68HC05RC17 — Rev. 2.0
Resets
5.3 External Reset (RESET)
The RESET pin is one of the two external sources of a reset. This pin is
connected to a Schmitt trigger input gate to provide an upper and lower
threshold voltage separated by a minimum amount of hysteresis. This
external reset occurs whenever the RESET pin is pulled below the lower
threshold and remains in reset until the RESET pin rises above the
upper threshold. This active-low input will generate the RST signal and
reset the CPU and peripherals. Termination of the external RESET input
or the internal COP watchdog reset are the only reset sources that can
alter the operating mode of the MCU.
NOTE:
Activation of the RST signal is generally referred to as reset of the
device, unless otherwise specified.
Figure 5-1. Reset Block Diagram
CPU
LATCH
RESET
COP WATCHDOG
(COPR)
RST
OSC
DATA
ADDRESS
PH2
TO OTHER
PERIPHERALS
S
IRQ
MODE
SELECT
TO IRQ
LOGIC
LATCH
R
POWER-ON RESET
(POR)
VDD
ILLEGAL ADDRESS
(ILLADDR)
ADDRESS
CLOCKED
D
D
LPRST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com