Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 76 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC17 — Rev. 2.0
Carrier Modulator Transmitter (CMT)
NOTE:
Writing to CHR1 to update IROLN or to CLR1 to update IROLP will also
update the primary carrier high and low data values. Care should be
taken that bits 5–0 of the data to be written to CHR1 or CHL1 should
contain the desired values for the primary carrier high or low data.
9.5 Modulator
The modulator consists of a 12-bit down counter with underflow
detection which is loaded from the modulation mark period from the
mark buffer register, MBUFF. When this counter underflows, the
modulator gate is closed and a 12-bit comparator is enabled which
continually compares the logical complement of the contents of the (still)
decrementing counter with the contents of the modulation space period
register, SREG. When a match is obtained, the modulator control gate
is opened again. Should SREG = 0, the match will be immediate and no
space period will be generated (for instance, for FSK protocols which
require successive bursts of different frequencies). When the match
occurs, the counter is reloaded with the contents of MBUFF, SREG is
reloaded with the contents of its buffer, SBUFF, and the cycle repeats.
The MCGEN bit in the MCSR must be set to enable the modulator timer.
The 12-bit MBUFF and SBUFF registers are accessed through three 8-
bit modulator period registers, MDR1, MDR2, and MDR3.
The modulator can operate in two modes, time or FSK. In time mode the
modulator counts clocks derived from the system oscillator and
modulates a single-carrier frequency or no carrier (baseband). In FSK
mode, the modulator counts carrier periods and instructs the carrier
generator to alternate between two carrier frequencies whenever a
modulation period (mark + space counts) expires.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com