Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 20Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 21Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 22Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 23Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 24Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 25Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 26Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 27Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
General Description
General Release Specification
MC68HC05RC17 — Rev. 2.0
General Description
1.5.6 IRO
The IRO pin is the high-current source and sink output of the carrier
modulator transmitter subsystem which is suitable for driving infrared
(IR) LED biasing logic. See Section 9. Carrier Modulator Transmitter
(CMT)
.
1.5.7 Port A (PA0–PA7)
These eight I/O lines comprise port A. The state of any pin is software
programmable and all port A lines are configured as inputs during
power-on or reset. For detailed information on I/O programming, see
Section 7. Parallel Input/Output (I/O)
.
1.5.8 Port B (PB0–PB7)
These eight I/O lines comprise port B. The state of any pin is software
programmable and all port B lines are configured as inputs during
power-on or reset. Each port B I/O line has a mask optionable pullup for
keyscan. For detailed information on I/O programming, see Section 7.
Parallel Input/Output (I/O)
.
1.5.9 Port C (PC0–PC1 and PC4–PC7)
These six I/O lines comprise port C. PC0 is a high-current pin. PC4
through PC7 are available only in higher pin count (>28) packages. The
state of any pin is software programmable and all port C lines are
configured as input during power-on or reset. For detailed information on
I/O programming, see Section 7. Parallel Input/Output (I/O).
NOTE:
Only two bits of port C are bonded out in 28-pin packages for the
MC68HC05RC17, although port C is truly a 6-bit port. Since pins
PC4–PC7 are unbonded, software should include the code to set their
respective data direction register locations to outputs to avoid floating
inputs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com