Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 59Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 60Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 61Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 63Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
Parallel Input/Output (I/O)
Port C
MC68HC05RC17 — Rev. 2.0
General Release Specification
Parallel Input/Output (I/O)
7.5 Port C
Port C is a 6-bit bidirectional port (PC0–PC1 and PC4–PC7) which does
not share any of its pins with other subsystems. The port C data register
is at $0002 and the data direction register (DDR) is at $0006. Reset does
not affect the data register, but clears the data direction register, thereby
returning the ports to inputs. Writing a 1 to a DDR bit sets the
corresponding port bit to output mode. Port C pins PC4 through PC7 are
available only in higher pin count (>28 pin) packages.
NOTE:
Only two bits of port C are bonded out in 28-pin packages for the
MC68HC05RC17, although port C is truly a 6-bit port. Since pins
PC4–PC7 are unbonded, software should include the code to set their
respective data direction register locations to outputs to avoid floating
inputs.
7.6 Input/Output (I/O) Programming
Port pins may be programmed as inputs or outputs under software
control. The direction of the pins is determined by the state of the
corresponding bit in the port data direction register (DDR). Each I/O port
has an associated DDR. Any I/O port pin is configured as an output if its
corresponding DDR bit is set to a logic 1. A pin is configured as an input
if its corresponding DDR bit is cleared to a logic 0.
At power-on or reset, all DDRs are cleared, which configures all pins as
inputs. The data direction registers are capable of being written to or
read by the processor. During the programmed output state, a read of
the data register actually reads the value of the output data latch and not
the I/O pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com