Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 89 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 92Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
Phase-Locked Loop (PLL) Synthesizer
Phase-Locked Loop Control Register
MC68HC05RC17 — Rev. 2.0
General Release Specification
Phase-Locked Loop (PLL) Synthesizer
10.3 Phase-Locked Loop Control Register
This read/write register contains the control bits that select the PLL
frequency and enable/disable the synthesizer.
BCS — Bus Clock Select
When this bit is set, the output of the PLL is used to generate the
internal processor clock. When clear, the internal bus clock is driven
by the crystal (OSC1÷2). Once BCS has been changed, it may take up
to 1.5 OSC1 cycles + 1.5 PLLOUT cycles to make the transition.
During the transition, the clock select output will be held low and all
CPU and timer activity will cease until the transition is complete.
Before setting BCS, allow at least a time of tPLLS after PLLON is set.
This bit should not be set unless the PLLON bit is already set on a
previous instruction. Reset clears this bit.
BWC — Bandwidth Control
This bit selects high bandwidth control when set and low bandwidth
control when clear. The low bandwidth driver is always enabled, so
this bit determines whether the high bandwidth driver is on or off.
When the PLL is turned on, the BWC bit should be set to 1 for a time
90% tPLLS to allow the PLL time to acquire a frequency close to the
desired frequency. The BWC bit should then be cleared and software
should delay for a time, 10% tPLLS, to allow the PLL time to make the
final adjustments. The PLL clock cannot be used (BCS bit set).
Although it is NOT prohibited in hardware, the BCS bit should not be
set unless the BWC bit is cleared and the proper delay times have
been followed. The PLL will generate a lower jitter clock when the
BWC bit is cleared. Reset clears this bit.
Address:
$0007
Bit 7
654321
Bit 0
Read:
0
BCS
0
BWC
PLLON
VCOTST
PS1
PS0
Write:
Reset:
00001101
Figure 10-2. Phase-Locked Loop Control Register (PLLCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com