Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 66 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 62Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 63Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 64Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 65Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 66Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
Core Timer
General Release Specification
MC68HC05RC17 — Rev. 2.0
Core Timer
TOFC — Timer Overflow Flag Clear
When a 1 is written to this bit, CTOF is cleared. Writing a 0 has no
effect on the CTOF bit. This bit always reads as 0.
RTFC — Real-Time Interrupt Flag Clear
When a 1 is written to this bit, RTIF is cleared. Writing a 0 has no effect
on the RTIF bit. This bit always reads as 0.
RT1 and RT0 — Real-Time Interrupt Rate Select
These two bits select one of four taps from the real-time interrupt
circuit. Refer to Table 8-1. Reset sets these two bits which selects the
lowest periodic rate and gives the maximum time in which to alter
these bits if necessary. Care should be taken when altering RT0 and
RT1 if the time out period is imminent or uncertain. If the selected tap
is modified during a cycle in which the counter is switching, an RTIF
could be missed or an additional one could be generated. To avoid
problems, the COP should be cleared before changing RTI taps.
Table 8-1. RTI and COP Rates at 4.096-MHz Oscillator
RTI Rate
2.048-MHz Bus
RT1 and RT0
Minimum COP Rates
2.048-MHz Bus
2 ms
212 ÷ E00
(215–212)/E
14 ms
4 ms
213 ÷ E01
(216–213)/E
28 ms
8 ms
214 ÷ E10
(217–214)/E
56 ms
16 ms
215 ÷ E11
(218–215)/E
112 ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com