Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 87 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 86Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 128 page
background image
MC68HC05RC17 — Rev. 2.0
General Release Specification
Phase-Locked Loop (PLL) Synthesizer
General Release Specification — MC68HC05RC17
Section 10. Phase-Locked Loop (PLL) Synthesizer
10.1 Contents
10.2 Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .87
10.3 Phase-Locked Loop Control Register. . . . . . . . . . . . . . . . . . . .89
10.4 Operation During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .91
10.5 Noise Immunity. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .91
10.2 Introduction
The phase-locked loop (PLL) consists of a variable bandwidth loop filter,
a voltage controlled oscillator (VCO), a feedback frequency divider, and
a digital phase detector. The PLL requires an external loop filter
capacitor (typically 0.1 µF) connected between XFC and VDDSYN. This
capacitor should be located as close to the chip as possible to minimize
noise. VDDSYN is the supply source for the PLL and should be bypassed
to minimize noise. The VDDSYN bypass cap should be as close as
possible to the chip. VDDSYN should be at the same potential as VDD.
The phase detector compares the frequency and phase of the feedback
frequency (tFB) and the crystal oscillator reference frequency (tREF) and
generates the output, PCOMP, as shown in Figure 10-1. The output
waveform is then integrated and amplified. The resultant dc voltage is
applied to the voltage controlled oscillator. The output of the VCO is
divided by a variable frequency divider of 128, 64, 32, or 16 to provide
the feedback frequency for the phase detector.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com