Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 81Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 82Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 83Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 84Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 85Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Carrier Modulator Transmitter (CMT)
General Release Specification
MC68HC05RC17 — Rev. 2.0
Carrier Modulator Transmitter (CMT)
9.5.3.2 Modulator Control and Status Register
The modulator control and status register (MCSR) contains the
modulator and carrier generator enable (MCGEN), interrupt enable (IE),
mode select (MODE), baseband enable (BASE), extended space
(EXSPC), and external interrupt mask (EIMSK) control bits, divide-by-
two prescaler (DIV2) bit, and the end of cycle (EOC) status bit.
EOC — End-Of-Cycle Status Flag
1 = End of modulator cycle (counter = SBUFF) has occurred
0 = Current modulation cycle in progress
EOC is set when a match occurs between the contents of the space
period register, SREG, and the down counter. This is recognized as
the end of the modulation cycle. At this time, the counter is initialized
with the (possibly new) contents of the mark period buffer, MBUFF,
and the space period register, SREG, is loaded with the (possibly new)
contents of the space period buffer, SBUFF. This flag is cleared by a
read of the MCSR followed by an access of MDR2 or MDR3. The EOC
flag is cleared by reset.
DIV2 — Divide-by-two prescaler
1 = Divide-by-two prescaler enabled
0 = Divide-by-two prescaler disabled
The divide-by-two prescaler causes the CMT to be clocked at the bus
rate when enabled; 2 x the bus rate when disabled (fosc). This bit is not
double buffered and so should not be set during a transmission.
Address:
$0014
Bit 7
654321
Bit 0
Read:
EOC
DIV2
EIMSK
EXSPC
BASE
MODE
IE
MCGEN
Write:
Reset:
00000000
= Unimplemented
Figure 9-7. Modulator Control and Status Register (MCSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com