Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 67Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 68Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 69Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 70Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 71Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 72Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
Carrier Modulator Transmitter (CMT)
Overview
MC68HC05RC17 — Rev. 2.0
General Release Specification
Carrier Modulator Transmitter (CMT)
Figure 9-1. Carrier Modulator Transmitter Module Block Diagram
modulator output (TIME), control the logic level of the modulator output
(baseband) or directly route the carrier to the modulator output while
providing a signal to switch the carrier generator between high/low time
register buffers (FSK). See 9.5 Modulator.
The transmitter output block controls the state of the infrared out pin
(IRO). The modulator output is gated on to the IRO pin when the
modulator/carrier generator is enabled. Otherwise, the IRO pin is
controlled by the state of the IRO latch, which is directly accessible to the
CPU by means of bit 7 of the carrier generator data registers CHR1 and
CLR1. The IRO latch can be written to on either edge of the internal bus
clock (fosc/2), allowing for IR waveforms which have a resolution of twice
the bus clock frequency (fosc). See 9.4.2 Carrier Generator Data
Registers
.
fOSC
CARRIER
GENERATOR
MODULATOR
CARRIER
OUT
MODULATOR
OUT
MODULATOR/
TRANSMITTER
OUTPUT
BASE
MODE
PRIMARY/SECONDARY SELECT
CPU INTERFACE
IRO
PIN
fOSC ÷ 2
DB
AB
EOC INTERRUPT
.
CARRIER
ENABLE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com