Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 87Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 88Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 89Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 90Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 91Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 92Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 93Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 94Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
Phase-Locked Loop (PLL) Synthesizer
Operation During Stop Mode
MC68HC05RC17 — Rev. 2.0
General Release Specification
Phase-Locked Loop (PLL) Synthesizer
NOTE:
For the MC68HC05RC17, the 4.194-MHz bus clock frequency should
not
be selected. The 2.097-MHz bus clock frequency should not be
selected when running the part below VDD = 3.0 V.
10.4 Operation During Stop Mode
The PLL is switched to low-frequency bus rate and is turned off
temporarily when STOP is executed. Coming out of stop mode with an
external IRQ, the PLL is turned on with the same configuration it had
before going into STOP with the exception of BCS which is reset.
Otherwise, the PLL control register is in the reset condition.
10.5 Noise Immunity
The MCU should be insulated as much as possible from noise in the
system. These steps are recommend to help prevent problems due to
noise injection.
1. The application environment should be designed so that the MCU
is not near signal traces which switch often, such as a clock signal.
2. The oscillator circuit for the MCU should be placed as close as
possible to the OSC1 and OSC2 pins on the MCU.
3. To minimize noise, all power pins should be filtered by using
bypass capacitors placed as close as possible to the MCU.
See the application note
Designing for Electromagnetic Compatibility
(EMC) with HCMOS Microcontrollers, available through the Freescale
Literature Distribution Center, document number AN1050/D.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com