Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 77 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 73Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 74Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 75Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 76Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 77Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 78Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 79Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 80Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
Carrier Modulator Transmitter (CMT)
Modulator
MC68HC05RC17 — Rev. 2.0
General Release Specification
Carrier Modulator Transmitter (CMT)
Figure 9-4. Modulator Block Diagram
9.5.1 Time Mode
When the modulator operates in time mode, the modulation mark and
space periods consist of zero or an integer number of fosc ÷ 8 clocks (=
250 kHz @ 2 MHz osc). This provides a modulator resolution of 4 µs and
a maximum mark and space periods of about 16 ms (each). However, to
prevent carrier glitches which could affect carrier spectral purity, the
modulator control gate and carrier clock are synchronized. The carrier
signal is activated when the modulator gate opens. The modulator gate
can only close when the carrier signal is low. (The output logic level
during space periods is low). If the carrier generator is in baseband
mode (BASE bit in MCSR is high), the modulator output will be at a logic
1 for the duration of the mark period and at a logic 0 for the duration of a
space period. See Figure 9-5.
=?
0
fOSC
EOC FLAG
MBUFF
SBUFF
SREG *
13-BIT DOWN COUNTER *
* DENOTES HIDDEN REGISTER
12 BITS
12 BITS
12
12
CONTROL/STATUS REGISTER
MODULATOR
EOC INTERRUPT ENABLE
BASE
MODE
÷ 8
CLOCK CONTROL
CARRIER OUT
LOAD MBUFF/SBUFF
SYSTEM CONTROL
MODULATOR GATE
OUT
PRIMARY/SECONDARY SELECT
.
.
MODULATOR
MODULATOR/
CARRIER GENERATOR
ENABLE
DIV2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com