Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 126Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 127Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 128Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 129Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 130Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 131Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 132Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
130
January 26, 2016
4.10.4.
SPI Registers
The registers of the SPI module are mapped into the system address space between 0x4000_1820 and
0x4000_1BFF. Unused addresses must not be accessed.
Table 4.21 Register [0x4000_1820] Z1_SPICFG
Z1_SPICFG
ADD:0x4000_1820
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
RXOVERFLOW
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
1
RXFULL
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
2
TXEMPTY
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
3
WRCOLL
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
4
---
R
---
0
Unused; always read as 0.
5
SAMPLEPOS
R / W
R
0
This bit selects whether data on MISO will be sampled at the
sampling edge (set to 0) or at shift edge (set to 1).
Note: Change this bit only when the module is disabled
(SPIEN = 0) or when no transfer is in progress.
6
SSN
R / W
R / W
1
This bit directly controls the SSN line.
7
SPIEN
R / W
R / W
0
Enable for SPI module.
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.22 Register [0x4000_1824] Z1_SPIDATA
Z1_SPIDATA
ADD:0x4000_1824
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
SPIDATA
R / W
R / W
0
When writing a byte to this register, the value is stored in the
TxBuffer. Additionally a WRITE access to this register clears
the TXEMPTY flag in the Z1_SPISTAT register (Table 4.24).
When reading this register, the contents of the RxBuffer is
returned. Additionally a READ access to this register clears
the RXFULL flag in Z1_SPISTAT.
Note: When writing to this register when TxBuffer is full, the
TxBuffer keeps its contents and the written byte is rejected.
This is signaled by the WRCOLL flag in Z1_SPISTAT.
31 : 8
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com