Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 130Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 131Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 132Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 135Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 136Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 137Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
134
January 26, 2016
Table 4.27 Register [0x4000_1808] Z1_LINDATA
Z1_LINDATA
ADD:0x4000_1808
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
7 : 0
LINDATA
R / W
R / W
0
When writing a byte to this register, the value is stored in the
TX buffer. A WRITE access to this register also clears the
TXEMPTY flag in the Z1_LINSTAT register (Table 4.26).
When reading this register, the content of the RX buffer is
returned. A READ access to this register also clears the
RXFULL flag in the Z1_LINSTAT register.
Note: When writing to this register if TX buffer is full, the TX
buffer keeps its contents and the written byte is rejected. This
is signaled by the WRCOLL flag in the Z1_LINSTAT register.
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.28
Register [0x4000_180C] Z1_LINIRQEN
Z1_LINIRQEN
ADD:0x4000_180C
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
SYNCDET
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
1
RXFULL
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
2
TXEMPTY
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
3
CONFLICT
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
4
RXOVERFLOW
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
5
WRCOLL
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
6
TXOFF
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
7
INACTIVE
R / W
R
0
When set to 1, the corresponding status bit is allowed to drive
the IRQ output.
31 : 8
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com