Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2R Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2R Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button ZAMC4100GA2R Datasheet HTML 127Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 128Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 129Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 130Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 131Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 132Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 133Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 134Page - Renesas Technology Corp ZAMC4100GA2R Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
131
January 26, 2016
Table 4.23 Register [0x4000_1828] Z1_SPICLKCFG
Z1_ SPICLKCFG
ADD:0x4000_1828
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
CPOL
R / W
R
1
Clock polarity; the content of this bit directly affects the idle
state of the clock.
Note: Change this bit only when the module is disabled
(SPIEN=0 in register Z1_SPICFG; see Table 4.21).
1
CPHA
R / W
R
1
Clock phase; data is centered on the first (set to 0) or to the
second (set to 1) clock edge.
Note: Change this bit only when the module is disabled
(SPIEN=0).
7 : 2
CDIV
R / W
R
1
Clock divider value; SPI clock period is 2∗(CDIV+1) times the
system clock.
Note: Change this bit only when the module is disabled
(SPIEN=0) or when no transfer is in progress.
31 : 8
---
R
---
0
Unused; always read as 0.
Table 4.24 Register [0x4000_182C] Z1_SPISTAT
Z1_ SPISTAT
ADD:0x4000_182C
Bit
Name
Ext.
Access
Int.
Access
Reset
Value
Description
0
RXOF
RC
W
0
This bit signals that an RX overflow has occurred.
Note: This bit is cleared when the status is read.
Note: The received byte causing the overflow is rejected; the
previous received byte is kept in the RX buffer.
1
RXFULL
R
R / W
0
This bit reflects the status of the RX buffer. It is set when a
new byte is transferred into the RX buffer.
Note: This bit is cleared when SPIDATA is read (Table 4.22).
2
TXEMPTY
R
R / W
1
This bit reflects the status of the TX buffer. It is set when a
byte is transferred from the TX buffer into the shift register.
Note: This bit is cleared when SPIDATA is written.
3
WRCOLL
RC
W
0
This bit is set when SPIDATA is written while TX buffer is
already full.
Note: This bit is cleared when the status is read.
4
BUSY
R
R / W
0
This bit reflects the status of the SPI module.
6 : 5
---
R
---
0
Unused; always read as 0.
7
CLRTXBUF
W1C
R
0
Writing a 1 to this bit clears the TX buffer.
Note: Write only when SPI is disabled; always read as 0.
31 : 8
---
R
---
0
Unused; always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com