Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 33Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 34Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 36Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 37Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 38Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 39Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 40Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
37
January 27, 2016
5.3.
Input Voltage Sensing
The ZSPM2000 supports input voltage sensing for protection and monitoring. Therefore a voltage divider between
the input voltage and the VIN pin is required. The recommended resistor values for different input voltage ranges
can be found in Table 5.2. For different nominal input voltages, the respective component values with the maxi-
mum supported input voltage are listed. Optionally, a capacitor, typically 10nF, can be connected to the VIN pin to
help improve accuracy.
Figure 5.3
Input Voltage Sense Circuitry
Table 5.2
Input Voltage Sense Component Overview
Nominal
Input Voltage
Maximum
Input Voltage
R9
R8
12V
14.5V
20k
Ω
2.2k
Ω
8.0V
9.0V
12k
Ω
2.2k
Ω
5.0V
6.5V
8.2k
Ω
2.2k
Ω
VIN
Vin
R9
R8
ZSPM2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com