Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 23Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 24Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 25Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
22
January 27, 2016
3.4.1.
Output Over/Under-Voltage
To prevent damage to the load, the ZSPM2000 utilizes an output over-voltage protection circuit. The voltage at
VFBP is continuously compared with a configurable threshold using a high-speed analog comparator. If the
voltage exceeds the configured threshold, the fault response is generated and the PWM outputs are turned off.
The voltage fault level is generated by a 6-bit DAC with a reference voltage of 1.60V resulting in 25mV resolution.
Additionally, the output voltage is sampled using the HKADC and continuously compared with an output over-
voltage warning threshold. If the output voltage exceeds this threshold, a warning is generated and the
preconfigured actions for the SMBALERT pin are triggered.
The ZSPM2000 also monitors the output voltage with two lower thresholds. If the output voltage is below the
under-voltage warning level and above the under-voltage fault level, an output voltage under-voltage warning is
triggered. If the output voltage falls below the fault level, a fault event is generated and the configured response is
activated.
3.4.2.
Output Current Protection and Limiting
The ZSPM2000 continuously monitors the average inductor current and utilizes this information to protect the
power supply from excessive output current. Two different types of protection are configurable independently.
Output current limiting to a value configurable via the Pink Power Designer™ GUI is supported by reducing the
output voltage. Additionally, the maximum output current warning and fault threshold can be used to shut down
the ZSPM2000. Both features can be enabled independently. If the over-current fault threshold is chosen below
the current limiting threshold, the ZSPM2000 will shut down without going into current limiting mode.
3.4.3.
Over-Temperature Protection
The ZSPM2000 monitors internal and external temperature. For each, a warning and a fault level can be con-
figured and an appropriate response can be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com