Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 11Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 12Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 27, 2016
Figure 2.2
Block Diagram
Sequencer
Configurable
Error Handler
Clock
Generation
OV Detection
OC Detection
FLASH
ADC
CPU Core
NVM
(OTP)
1.8V
Reg
Digital
1.8V
Reg
Analog
VREF
VFBP
VFBN
Adaptive Digital
Controller
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Current Sensing
HKADC
Int. Temp
Sense
TEMP
Bias
Current
Source
3.3V
Reg
SMBus
GPIO
DAC
DAC
Current
Limiting
Average Current
Sensing
OT Detection
Vin OV/UV
Detection
ADDR0
ADDR1
VIN
Vout UV Detection
HS
driver
DRVH
DRVL
BST
SW
PGND
LS
driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com