Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 23Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 24Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 27, 2016
3.4.
Fault Monitoring and Response Generation
The ZSPM2000 monitors various signals during operation. Depending on the selected configuration, it can
respond to events generated by these signals. A wide range of options is configurable via the Pink Power
Designer™ GUI. Typical monitoring within the ZSPM2000 is a three-step process. First, an event is detected via a
configurable set of thresholds. This event is then digitally filtered before the ZSPM2000 reacts with a configurable
response. For all monitored signals, a warning and a fault threshold can be configured. If enabled, a warning sets
a status flag (see sections 4.7.6 through 4.7.11), but does not trigger a response; whereas a fault also generates
a response.
Each warning and fault event can be individually enabled. The assertion of the SMBALERT signal can also be
configured to individual needs. An overview of the options and configuration is given in Table 3.2.
Table 3.2
Fault Configuration Overview
Signal
Response Type
Delay Resolution
Maximum Delay
Output Over-Voltage Fault
Low impedance*
500µs
90ms
Output Under-Voltage Fault
Low-impedance*
500µs
90ms
Input Over-Voltage Fault
High-impedance*
500µs
90ms
Input Under-Voltage Fault
High-impedance*
500µs
90ms
Over-Current Fault
Low-impedance*
500µs
90ms
External Over-Temperature Fault
Soft-Off*
5ms
900ms
Internal Over-Temperature Fault
Soft-Off*
5ms
900ms
* The default options shown can be changed via the Pink Power Designer™ GUI.
The ZSPM2000 supports different response types individually configurable for each fault. The “low-impedance”
response turns off the high-side external MOSFET and enables the low-side external MOSFET. After tOFF_MAX
(see Figure 3.2), both MOSFETs will be turned off. Conversely, a “high-Z” response will disable both MOSFETs
instantaneously. A “Soft-Off” response ramps the output voltage down similar to a power-down command. The
voltage will be ramped down to the value selected for VOFF_nom (see Figure 3.3). After tOFF_MAX, the controller will
disable the power stage by turning both switches off.
For each fault response, a delay and a retry setting can be configured via the Pink Power Designer™ GUI. If the
delay value is set to non-zero, the ZSPM2000 will not respond to a fault immediately. Instead it will delay the
response by the configured value and then reassess the signal. If the fault is still present, the appropriate
response will be triggered. If the fault is no longer present, the previous detection will be disregarded. The retry
setting configures the number of restarts of the power converter after a fault event. This number can be between
zero and seven, where a setting of seven represents an infinite retry operation. In analog controllers, this feature
is also known as “hiccup mode.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com