Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 5Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 6Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 7Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 8Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 11Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 12Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 27, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Over-voltage protection
Reference DAC
Set-point voltage
0
1.58
V
Resolution
25
mV
Set point accuracy
2
%
Comparator
Hysteresis
35
mV
HKADC input pins
Input voltage: TEMP, VIN,
ADDR0, and ADDR1 pins
0
1.44
V
Source impedance Vin sensing
3
k
Ω
ADC resolution
0.7
mV
External temperature measurement
Supported sense elements
PN-junction
Bias current for external
temperature sensing: TEMP pin
60
µA
Resolution: TEMP pin
0.32
K
Accuracy of measurement: TEMP
pin
±5.0
K
Internal temperature measurement
Resolution
0.22
K
Accuracy of measurement
±5.0
K
MOSFET driver pins
Output impedance, sourcing
current—DRVH pin
VBST-VSW = 5V
0.9
1.7
Ω
Output impedance, sinking
current—DRVH pin
VBST-VSW = 5V
0.7
1.7
Ω
Rise time—DRVH pin
trDRVH
VDD50DRV = 5V; 3nF load
VBST-VSW = 5V
16
25
ns
Fall time—DRVH pin
tfDRVH
VDD50DRV = 5V; 3nF load
VBST-VSW = 5V
11
18
ns
Turn-on propagation delay—
DRVH pin
tpdhDRVH
CLOAD = 3nF
10
30
ns
SW pin pull-down resistance
SW to PGND
45
kΩ
DRVH pin pull-down resistance
DRVH to SW
VBST - VSW = 0V
45
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com