Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 23Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 24Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 25Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 26Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
23
January 27, 2016
3.5.
GPIO0 Pin Configuration
The ZSPM2000 offers a flexible configuration scheme for its digital I/O pin. This enables using the GPIO0 pin
(general purpose input/output) with different functions depending on the application requirements. The configura-
tion options are listed in Table 3.3.
Table 3.3
GPIO0 Pin Configuration Options
Pin
Thermal shutdown
Hardwire Option
GPIO0
High and low active
High and low active
The GPIO pin can be hardwired to be high or low, or it can be used as a thermal shutdown input. If the pin is
asserted by an external source, for example the thermal shutdown flag of an external temperature sensor, the
ZSPM2000 flags an external over-temperature fault and reacts accordingly.
3.6.
Configuration
The ZSPM2000 incorporates two different sets of configuration parameters. The first set of configuration param-
eters can be configured during design time and cannot be changed during run-time. The second set of config-
uration parameters can be configured during design time, but can also be reconfigured during run-time using the
appropriate PMBus™ command. Note that these reconfigured values are not stored in the OTP memory, so they
are lost during power cycling the device.
In order to evaluate the device and its configuration on the bench, a special engineering mode is supported by the
device and Pink Power Designer™ GUI; i.e. the device can be reconfigured multiple times without writing the
configuration into the OTP. During this engineering mode, the device starts up after power-on reset in an uncon-
figured state. The Pink Power Designer™ then provides the configuration to the ZSPM2000, enabling full
operation without actually configuring the OTP. The engineer can use this mode to evaluate the configuration on
the bench. However, the configuration will be lost upon power-on-reset.
After the design engineer has determined the final configuration options, an OTP image can be created that is
then written into the ZSPM2000. This can be either on the bench using the Pink Power Designer™ or in end–of-
line testing during mass production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com