Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 11Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 12Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
14
January 27, 2016
2.2.
Pin Description
Pin
Name
Direction
Type
Description
1
VREFP
Output
Supply
Reference Terminal
2
VFBP
Input
Analog
Positive Input of Differential Feedback Voltage Sensing
3
VFBN
Input
Analog
Negative Input of Differential Feedback Voltage Sensing
4
ISNSP
Input
Analog
Positive Input of Differential Current Sensing
5
ISNSN
Input
Analog
Negative Input of Differential Current Sensing
6
TEMP
Input
Analog
Connection to External Temperature Sensing Element
7
VIN
Input
Analog
Power Supply Input Voltage Sensing
8
ADDR0
Input
Analog
SMBus Address Selection 0
9
ADDR1
Input
Analog
SMBus Address Selection 1
10
VDD50DRV
Input
Supply
5.0 V Supply Terminal for the integrated MOSFET Driver
11
DRVL
Output
Analog
Low-Side Driver Output
12
PGND
Input
Supply
Integrated MOSFET Driver Ground
13
SW
Input
Analog
Switching Node (Bootstrap Supply Return)
14
DRVH
Output
Analog
High-Side Driver Output
15
BST
Input
Analog
Bootstrap Supply Input
16
PGOOD
Output
Digital
PGOOD Output (Internal Pull-Down)
17
CONTROL
Input
Digital
Control Input
18
GPIO0
Input/Output
Digital
General Purpose Input/Output Pin
19
NC
Test pin – Do not connect
20
SMBALERT
Output
PMBus™
SMBus Alert Output
21
SDA
Input/Output
PMBus™
SMBus Shift Data I/O
22
SCL
Input
PMBus™
SMBus Shift Clock Input (slave-only)
23
VDD18
Output
Supply
Internal 1.8V Digital Supply Terminal
24
VDD33
Output
Supply
3.3V Supply Voltage Terminal
25
VDD50
Input
Supply
5.0V Supply Voltage Terminal
26
AVDD18
Output
Supply
Internal 1.8V Analog Supply Terminal
27
ADCVREF
Input
Analog
Analog-to-Digital Converter (ADC) Reference Terminal
28
AGND
Input
Supply
Analog Ground
PAD
GND
Input
Supply
Exposed PAD, Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com