Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 34Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 36Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 37Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 38Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 39Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 40Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 41Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
38
January 27, 2016
6
Synchronous MOSFET Driver Features
6.1.
Introduction
The synchronous MOSFET gate driver of the ZSPM2000 is designed to drive the N-channel MOSFETs of a low
voltage step-down converter. The driver supply voltage (VDD50DRV) is 5V, and the driver is capable of driving a
3nF load. The input under-voltage lockout function guarantees the outputs are low when the supply voltage is low.
6.2.
Adaptive Non-overlap Dead-Time Control
Adaptive dead-time control is used to avoid shoot-through damage of the power MOSFETs. See section 1.3 for
the timing specifications for this function, which are illustrated in Figure 6.1. When the internal PWM signal pulls
high, the driver will monitor the gate voltage of the low side MOSFET; i.e., the DRVL pin of the ZSPM2000. When
the DRVL voltage falls below the gate threshold, DRVH will be set to high after the tpdhDRVH delay. When the PWM
is set low, DRVH will be set low, and the driver will monitor the gate voltage of the high-side MOSFET. When the
voltage between the DRVH and SW pins falls below the top gate drive threshold, DRVL will be set to high after
the tpdhDRVL delay.
Figure 6.1
Adaptive Non-overlap Dead-Time Control Timing Diagram
Note: the PWM signal is internal.
90%
10%
tfDRVL
1V
10%
90%
tpdhDRVH
trDRVH
PWM
DRVL
DRVH - SW
SW
90%
10%
tfDRVH
1.7V
10%
90%
tpdhDRVL
trDRVL
6.3.
Layout Guidelines
Layout of the point-of-load (POL) converter PCB is very important. The bootstrap (BST) pin and VDD50DRV pin
decoupling capacitors should be placed as close as possible to the ZSPM2000. The VDD50DRV bypass
capacitor should be connected to the PGND pin of the ZSPM2000.
Connect the PGND pin to the ground plane of the power stage. The ground plane can provide a good return path
for the gate drive current and reduce the ground noise. To minimize the ground loop for the low-side MOSFET,
place the PGND pin close to the source pin of the low-side MOSFET. The gate drive traces should be routed to
minimize the length; the recommended minimum width is 20 mils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com