Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 2Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 3Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 4Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 5Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 6Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 7Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 8Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 27, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply voltages
5V supply voltage pins: VDD50 and
VDD50DRV
VDD50
VDD50DRV
dV/dt < 0.15V/µs
-0.3
5.5
V
Maximum slew rate
0.15
V/µs
3.3V supply voltage pin: VDD33
VDD33
-0.3
3.6
V
1.8V supply voltage pins: VDD18 and
AVDD18
VDD18
VAVDD18
-0.3
2.0
V
Digital pins
Digital I/O pins: SCL, SCA, GPIO0,
SMBALERT, CONTROL, and PGOOD
-0.3
5.5
V
Analog pins
Current sensing pins: ISNSP and ISNSN
-0.3
5.5
V
Voltage feedback pins: VFBP and VFBN
-0.3
2.0
V
All other analog pins: ADCVREF, VIN,
VREFP, TEMP, ADDR0, and ADDR1
-0.3
2.0
V
MOSFET driver pins
Bootstrap supply voltage pin: BST
VBST
Relative to SW
VSW - 0.3
VSW + 6.5
V
Relative to PGND
35
40.0 at
< 50ns
V
Switching node pin: SW
(bootstrap supply return)
VSW
Relative to PGND
-5.0
-10.0 at
< 200ns
35
40.0 at
< 50ns
V
High-side driver output pin: DRVH
Relative to BST
VBST
+ 0.3
V
Relative to SW
VSW – 0.3
VSW – 2.0
at <200ns
V
Low-side driver output pin: DRVL
Relative to PGND
-0.3
-5.0 at
< 200ns
VDD50DRV
+ 0.3
V
MOSFET driver power ground pin:
PGND
0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com