Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 36Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 37Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 38Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 39Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 40Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 41Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 42Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
39
January 27, 2016
7
Mechanical Specifications
Based on JEDEC MO-220. All dimensions are in millimeters.
Figure 7.1
28-Pin QFN Package Drawing
1
8
15
22
b
A3
A1
A
D
D2
E
E2
e
K
L
BOTTOM VIEW
SIDE VIEW
TOP VIEW
Pin 1
Indicator
Pin Detail
(Scaled 200%
relative to the
diagram)
Exposed Cu
Mold Compound
Note 4
C
Seating
Plane
Note 3
Pin Side Detail
(Scaled 400% relative
to the diagram)
B
A
0.08 C
0.10 C
0.10 C
0.10
C
A
B
0.10
C
A
B
L1
L
0.07
C
A
B
0.05
C
0.10 C
Dimensions
Min (mm)
Max (mm)
NOTES:
1.
Tolerancing and dimensioning
according to ASME Y14.5M, 1994.
2.
Controlling dimension: millimeters.
3.
Dimension b applies to the plated
terminal and is measured between
0.15mm and 0.30mm from the
terminal tip.
4.
Coplanarity applies to the exposed
pad and the terminals.
A
0.8
1.00
A1
0.00
0.05
A3
0.20 nominal
b
0.15
0.25
D
4.00 BSC
D2
2.50
2.70
E
4.00 BSC
E2
2.50
2.70
e
0.40 BSC
K
0.30 nominal
L
0.30
0.50
L1
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com