Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSPM2000 Datasheet HTML 1Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 2Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 3Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 4Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 5Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 6Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 7Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 8Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
True Digital PWM Controller
with Integrated MOSFET Driver
ZSPM2000
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
 Telecom Switches
 Servers and Storage
 Base Stations
 Network Routers
 Industrial Applications
 Single-Rail/Single-Phase
Supplies for Processors,
ASICs, FPGAs, DSPs
Ordering Information
Sales Code
Description
Package
ZSPM2000ZI2R 1
ZSPM2000 Lead-free QFN28 — Temperature range: -40°C to +85°C*
Reel
ZSPM2000-KIT01
Evaluation Kit for ZSPM2000 with PMBus™ Communication Interface — the Pink Power Designer™
GUI for kit can be downloaded from the IDT web site at www.IDT.com/ZSPM2000 (login required;
see data sheet section 9 for details)
Kit
* Note: This product is sold under a limited license from PowerOne, Inc. related to digital power technology as set forth in U.S. Patent 7000125 and other related
patents owned by PowerOne, Inc. This license does not extend to stand-alone power supply products.
Sequencer
Configurable
Error Handler
Clock
Generation
OV Detection
OC Detection
FLASH
ADC
CPU Core
NVM
(OTP)
1.8V
Reg
Digital
1.8V
Reg
Analog
VREF
VFBP
VFBN
Adaptive Digital
Controller
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Current Sensing
HKADC
Int. Temp
Sense
TEMP
Bias
Current
Source
3.3V
Reg
SMBus
GPIO
DAC
DAC
Current
Limiting
Average Current
Sensing
OT Detection
Vin OV/UV
Detection
ADDR0
ADDR1
VIN
Vout UV Detection
HS
driver
DRVH
DRVL
BST
SW
PGND
LS
driver
ZSPM2000 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com