Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
18
January 27, 2016
The DPWM supports switching frequencies up to 1MHz with a resolution of approximately 163ps. The minimum
on-time and the maximum off-time of the modulation signal can be configured so that the ZSPM2000 can match
the external power MOSFETs optimally. The functionality of the synchronous MOSFET driver is described in
section 6.
3.3.5.
Power Sequencing and the CONTROL Pin
The ZSPM2000 supports power sequencing features including ramp up/down and delays programmable via the
Pink Power Designer™ GUI. The typical sequence of events is shown in Figure 3.2 and follows the PMBus™
standard. The individual values can be configured using the appropriate configuration setting. Three different
configuration options are supported to turn on the output of the ZSPM2000. The device can be configured to turn
on immediately after POR, on an OPERATION_ON command, or on an edge on the CONTROL pin.
Figure 3.2
Power Sequencing
t
tON_DELAY
tON_RISE
tON_MAX
tOFF_DELAY
tOFF_FALL
0 V
VOUTnom
tOFF_MAX
OPERATION_ON
Control pin
OPERATION_OFF
Control pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com