Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM2000 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 22Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 23Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
20
January 27, 2016
Figure 3.4
Inductor Current Sensing Using the DCR Method
Alternatively, a simple shunt resistor can be used to measure the inductor current. The value of this resistor
should be selected so that the voltage range between the pins is within the specifications given in section 1.
End-of-line calibration is supported so that the ZSPM2000 can achieve improved accuracy over the full output
current range. The full calibration method is detailed in ZSPM2000 Application Note—Programming and
Calibration (see section 9). This allows the user to correct mismatches between the nominal DCR value used to
configure the device and the actual DCR value in the application caused by effects such as manufacturing
variations. The calibration range is limited to +/- 50% of the nominal DCR.
Additionally, in order to improve the accuracy of the current measurement challenged by the temperature coeffi-
cient of the inductor’s DCR, the ZSPM2000 features temperature compensation via external temperature sensing.
The temperature of the inductors is measured with an external temperature sense element placed close to the
inductor. This information is used to adapt the gain of the current sense path to compensate for the increase in
actual DCR.
3.3.8.
Temperature Measurement
The ZSPM2000 features two independent temperature measurement units for internal and external temperature.
The internal temperature sensing measures the temperatures inside the ZSPM2000. The external temperature
sense element should be placed close to the inductor to measure its temperature. A PN-junction is used as an
external temperature sense element. Small-signal transistors, such the 3904, are widely used for this application.
The configuration of the sensitivity and the offset is required in the Pink Power Designer™ GUI. A temperature
calibration via the Pink Power Designer™ or as part of the end-of-line calibration during production is highly
recommended.
ZSPM2000
+Vout
R7
R6
ISNSP
ISNSN
C8
L
DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com