Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors MPC602EC/D Datasheet HTML 13Page - NXP Semiconductors MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors MPC602EC/D Datasheet HTML 16Page - NXP Semiconductors MPC602EC/D Datasheet HTML 17Page - NXP Semiconductors MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
15
1.4 Pinout Diagram
Figure 9 contains the pin assignments for the 602.
Figure 9. PowerPC 602 Pin Assignment
OGND
067
1BE7(D47)
066
1BE6(D46)
065
VDD
064
OVDD
063
1BE5(D45)
062
1BE4(D44)
061
GND
060
1BE3(D43)
059
1BE2(D42)
058
OGND
057
VDD
056
1BE1(D41)
055
1BE0(D40)
054
PFA7(D39)
053
GND
052
OVDD
051
PFA6(D38)
050
PFA5(D37)
049
VDD
048
PFA4(D36)
047
PFA3(D35)
046
VDD
109
AD(30)
110
AD(31)
111
TC0(D63)
112
GND
113
OVDD
114
TC1(D62)
115
WT(D61)
116
VDD
117
CT (D60)
118
OGND
119
GBL(D59)
120
GND
121
TT4(D58)
122
TT3(D57)
123
OVDD
124
VDD
125
TT2(D56)
126
TT1(D55)
127
TT0(D54)
GND
OGND
TBST(D53)
TSIZ2(D52)
VDD
TSIZ1(D51)
OVDD
OGND
045
GND
044
TSIZ0(D50)
GND
PFA17(D49)
PFA2(D34)
043
PFA1(D33)
042
PFA0(D32)
041
VDD
040
OVDD
039
GND
038
ARTRY
037
PFA16(D48)
OGND
VDD
QACK
GND
BB
128
129
130
131
132
133
134
135
136
141
142
143
144
137
138
139
140
602 PIN ASSIGNMENT
068
AD(1)
070
VDD
AD(2)
AD(0)
072
071
069
GND
BUS ARB.
LSSD
PLL
RESET & INT.
AD0–AD31
Top View
Bidirectional pin
Input pin
Output pin
Vdd/Gnd/OVdd/OGnd/AVdd pin
144-PQFP Package
Note: These signals also contain PFA8-PFA15.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com