Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors MPC602EC/D Datasheet HTML 13Page - NXP Semiconductors MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
PowerPC 602 RISC Microprocessor Hardware Specifications
Figure 2. Input Timing Diagram
Figure 3. Mode Select Input Timing Diagram
11b
HRESET to mode select inputs invalid (input
hold) (for QACK)
0
—
0
—
ns
2,4,5
Notes:
1. All input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the
1.4 V of the rising edge of the input SYSCLK. Both input and output timings are measured at the pin;
see Figure 2.
2. The setup and hold time is with respect to the rising edge of HRESET; see Figure 3.
3. tSYS is the period of the external clock (SYSCLK) in nanoseconds.
4. These values are guaranteed by design, and are not tested.
5. This specification is for configuration-mode only. Also note that HRESET must be held asserted for
a minimum of 255 bus clocks after the PLL-relock time (100
µs) during the power-on reset
sequence.
Table 7. Input AC Timing Specifications (Continued)
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J ≤ 105 °C
Num
Characteristic
66.67 MHz CPU
Clock
80 MHz CPU
Clock
Unit
Notes
Min
Max
Min
Max
VM
SYSCLK
VM = Midpoint Voltage (1.4V)
ALL INPUTS
10a
11a
MODE PINS
HRESET
10b
11b
VM
VM = Midpoint Voltage (1.4 V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com