Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors MPC602EC/D Datasheet HTML 24Page - NXP Semiconductors MPC602EC/D Datasheet HTML 25Page - NXP Semiconductors MPC602EC/D Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
23
1.7.3 Decoupling Recommendations
Due to the 602’s dynamic power management feature, large address and data buses, and high operating
frequencies, the 602 can generate transient power surges and high frequency noise in its power supply,
especially while driving large capacitive loads. This noise must be prevented from reaching other
components in the 602 system, and the 602 itself requires a clean, tightly regulated source of power.
Therefore, it is recommended that the system designer place a decoupling capacitor with a low ESR
(effective series resistance) rating at every other Vdd and OVdd pin of the 602.
These capacitors should range in value from 220 pF to 10
µF to provide both high and low frequency
filtering, and should be placed as close as possible to their associated Vdd pin. Surface-mount tantulum or
ceramic devices are preferred. It is also recommended that these decoupling capacitors receive their power
from Vdd and GND power planes in the PCB, utilizing short traces to minimize inductance. Power or
ground connections must be made to all external Vdd and GND pins of the 602.
1.7.4 Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active-low inputs should be connected to Vdd. Unused active-high inputs should be
connected to GND.
1.7.5 Thermal Management Information for the Motorola Package
This section provides a thermal management example for the 602; this example is based on a typical desktop
configuration using a 144 lead, 28 mm x 28 mm, Motorola wire-bond PQFP package.
1.7.5.1 Thermal Characteristics for the Motorola Wire-Bond PQFP Package
The thermal characteristics for a wire-bond PQFP package are as follows:
Thermal resistance (junction-to-case) = Rθjc or θjc = 2.8°C/Watt (junction-to-case)
1.7.5.2 Thermal Management Example
The junction temperature can be calculated from the junction-to-ambient thermal resistance, as follows:
Junction temperature: Tj = Ta + Rθja * P
or
Tj = Ta + (Rθjc + Rcs + Rsa) * P
Where:
Ta is the ambient temperature in the vicinity of the device
Rθja is the junction-to-ambient thermal resistance
Rθjc is the junction-to-case thermal resistance of the device
Rcs is the case-to-heat sink thermal resistance of the interface material
Rsa is the heat sink-to-ambient thermal resistance
P is the power dissipated by the device
In this environment, it can be assumed that all the heat is dissipated to the ambient through the heat sink, so
the junction-to-ambient thermal resistance is the sum of the resistances from the junction to the case, from
the case to the heat sink, and from the heat sink to the ambient.
Note that verification of external thermal resistance and case temperature should be performed for each
application. Thermal resistance can vary considerably due to many factors including degree of air
turbulence.
For a power dissipation of 2.5 Watts in an ambient temperature of 40
°C at 1 m/sec with the heat sink
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com