Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC602EC/D Datasheet HTML 1Page - NXP Semiconductors MPC602EC/D Datasheet HTML 2Page - NXP Semiconductors MPC602EC/D Datasheet HTML 3Page - NXP Semiconductors MPC602EC/D Datasheet HTML 4Page - NXP Semiconductors MPC602EC/D Datasheet HTML 5Page - NXP Semiconductors MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
5
1.2 General Parameters
The following list provides a summary of the general parameters of the 602.
Technology
CMOS (four-level metal)
Die size
7.07 mm x 7.07 mm
Processor performance
66.67 MHz, 80 MHz
Package
Surface mount, 144-pin plastic quad flat pack (PQFP)
Power supplies
3.3 V (
± 10% V dc)
1.3 Electrical and Thermal Characteristics
This section provides both the AC and DC electrical specifications and thermal characteristics for the 602.
The following specifications are preliminary and subject to change without notice.
1.3.1 DC Electrical Characteristics
Table 1, Table 2, and Table 3 provide the absolute maximum rating and thermal characteristics for the 602.
Table 1. Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Core Supply voltage
Vdd
–0.3 to 4.0
V
I/O Supply voltage
OVdd
–0.3 to 4.0
V
PLL Supply voltage
AVdd
–0.3 to 4.0
V
Input voltage
Vin
–0.3 to 5.5
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional operating conditions are given in AC and DC electrical specifications. Stresses beyond
the maximums listed may affect device reliability or cause permanent damage to the device.
2. Caution: Input voltage must not be greater than the supply voltage by more than 2.5 V at all times
including during power-on reset.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Core Supply voltage
Vdd
2.97 to 3.63
V
I/O Supply voltage
OVdd
2.97 to 3.63
V
PLL Supply voltage
AVdd
2.97 to 3.63
V
Input voltage
Vin
GND to 5.5
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com