Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors MPC602EC/D Datasheet HTML 13Page - NXP Semiconductors MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors MPC602EC/D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
PowerPC 602 RISC Microprocessor Hardware Specifications
Figure 4. Output Timing Diagram
1.3.3 JTAG AC Timing Specifications
Table 9 provides the JTAG AC timing specifications.
Table 9. JTAG AC Timing Specifications (Independent of SYSCLK)
Vdd = 3.3
± 10% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ TJ ≤ 105 °C
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
16
MHz
1
TCK cycle time
62.5
—
ns
2
TCK clock pulse width measured at 1.4 V
25
—
ns
3
TCK rise and fall times
0
3
ns
4
TRST setup time to TCK rising edge
13
—
ns
1
5
TRST assert time
40
—
ns
6
Boundary-scan input data setup time
6
—
ns
2
7
Boundary-scan input data hold time
27
—
ns
2
8
TCK to output data valid
4
25
ns
3
SYSCLK
13
15
TS, BB, BR,
VM
VM
VM = Midpoint Voltage (1.4 V)
14
VM
ARTRY
12
13
14
15
AD0–AD63
RESETO,
QREQ,
CKSTP_OUT
TDO
16
13
17
18
12
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com