Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors MPC602EC/D Datasheet HTML 24Page - NXP Semiconductors MPC602EC/D Datasheet HTML 25Page - NXP Semiconductors MPC602EC/D Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
PowerPC 602 RISC Microprocessor Hardware Specifications
1.7 System Design Information
This section provides electrical and thermal design recommendations for successful application of the 602.
1.7.1 PLL Configuration
The 602 has an internal programmable phased-lock loop (PLL). The PLL is programmed using the
PLL_CFG0–PLL_CFG3 pins. The PLL contains a voltage controlled oscillator (VCO) which is locked to
the incoming SYSCLK. The VCO is divided down to the CPU frequency (internal) and to the bus frequency
(SYSCLK). The PLL_CFG0–PLL_CFG3 pins are used to determine these frequency divisions. The 602 has
two bus modes (CPU/bus ratio), 2:1 and 3:1. The 602 also has two VCO divider ratios (VCO/CPU),
÷2 and
÷4.
In a system application, the bus frequency and bus mode is selected based on system requirements (for
example, 33 MHz, 2:1) and then the VCO divider is selected such that the VCO frequency is within the
typical lock range identified in Table 6 (for example, 66 MHz CPU,
÷4 such that VCO = 264 MHz).
The first two PLL_CFG pins, PLL_CFG0 and PLL_CFG1, determine the bus mode while the second two
pins, PLL_CFG2 and PLL_CFG3, determine the VCO divider ratio as shown in Table 11.
1.7.2 PLL Power Supply Filtering
The AVdd power signal is provided on the 602 to supply power to the clock generation phased-lock loop.
To ensure stability of the internal clock, the power supplied to the AVdd input signal should be filtered using
a circuit similar to the one shown in Figure 12. The circuit should be placed as close as possible to the AVdd
pin to ensure it filters out as much noise as possible.
Figure 12. PLL Power Supply Filter Circuit
Table 11. PLL Configuration
PLL_CFG0–PLL_CFG3 Setting
Bus Mode
VCO Divider
0100
2:1
÷2
0101
2:1
÷4
1000
3:1
÷2
1001
3:1
÷4
Note: It is important that the VCO frequency be selected such that it
falls within the typical VCO lock range identified in Table 6.
Vdd
AVdd
10 Ohms
10 uF
0
.1 uF
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com