Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors MPC602EC/D Datasheet HTML 13Page - NXP Semiconductors MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
11
1.3.2.3 Output AC Specifications
Table 8 provides the output AC timing specifications for the 602.
Table 8. Output AC Timing Specifications
Vdd = 3.3
± 10% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ TJ ≤ 105 °C
Num
Characteristic
33.33 MHz Bus Clock/
66.67 MHz CPU Clock
40 MHz Bus Clock/
80 MHz CPUClock
Unit
Notes
Min
Max
Min
Max
12
SYSCLK to output driven (output enable
time)(AD0–AD63, TS, BB, BR, ARTRY)
1.0
—
1.0
—
ns
1,3
13
SYSCLK to output valid
(all outputs)
—
17
—
17
ns
1
14
SYSCLK to output invalid (output hold)
(AD0–AD63), TS, BB, BR, ARTRY)
4
—
4
—
ns
1
15
SYSCLK to output high impedance
(AD0–AD63, TS, BB, BR, ARTRY)
—
18
—
18
ns
1,2
16
SYSCLK to output driven (output enable
time) (RESETO, QREQ, CKSTP_OUT,
TDO)
1.0
—
1.0
—
ns
1,2,3
17
SYSCLK to output invalid (output hold)
(RESETO, QREQ, CKSTP_OUT)
1.0
—
1.0
—
ns
1,2
18
SYSCLK to output high impedance
(RESETO, QREQ, CKSTP_OUT)
—
18
—
18
ns
1,2
Notes:
1. All output specifications are measured from the 1.4 V of the rising edge of SYSCLK to 1.4 V. Both input
and output timings are measured at the pin.
2. All maximum timing specifications assume CL = 50 pF.
3. These values are guaranteed by design and are not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com