Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 4Page - NXP Semiconductors MPC602EC/D Datasheet HTML 5Page - NXP Semiconductors MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors MPC602EC/D Datasheet HTML 10Page - NXP Semiconductors MPC602EC/D Datasheet HTML 11Page - NXP Semiconductors MPC602EC/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
PowerPC 602 RISC Microprocessor Hardware Specifications
1.3.2 AC Electrical Characteristics
This section provides the clock AC electrical characteristics for the 602.
1.3.2.1 Clock AC Specifications
Table 6 provides the clock AC timing specifications as defined in Figure 1.
Sleep Mode1
2:1
Typical
8.0
12.0
mW
3:1
Typical
8.0
12.0
mW
Sleep Mode—PLL Disabled1
2:1
Typical
2
2.2
mW
3:1
Typical
2
2.2
mW
Sleep Mode—PLL and SYSCLK Disabled1
2:1
Typical
2
2
mW
3:1
Typical
2
2
mW
Notes:
1. The values provided for this mode do not include pad
driver power (OVdd).
2. Power dissipation values assume CL = 50pF.
Table 6. Clock AC Timing Specifications
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J ≤ 105 °C
Num
Characteristic
66.67 MHz CPU Clock
80 MHz CPU Clock
Unit
Notes
Min
Max
Min
Max
VCO frequency
120
300
180
360
MHz
2
SYSCLK (bus) frequency
22
33.33
26.6
40
MHz
1
SYSCLK cycle time
30
45
25
37.5
ns
2,3
SYSCLK rise and fall time
—
2.0
—
2.0
ns
3
4
SYSCLK duty cycle measured
at 1.4 V
40.0
60.0
40.0
60.0
%
5
Table 5. Power Dissipation (Continued)
Vdd = 3.3
± 10% V dc, GND = 0 V dc, 0 ≤ T
J≤ 105 °C
CPU Clock
66.67 MHz
80 MHz
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com