Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC602EC/D Datasheet HTML 1Page - NXP Semiconductors MPC602EC/D Datasheet HTML 2Page - NXP Semiconductors MPC602EC/D Datasheet HTML 3Page - NXP Semiconductors MPC602EC/D Datasheet HTML 4Page - NXP Semiconductors MPC602EC/D Datasheet HTML 5Page - NXP Semiconductors MPC602EC/D Datasheet HTML 6Page - NXP Semiconductors MPC602EC/D Datasheet HTML 7Page - NXP Semiconductors MPC602EC/D Datasheet HTML 8Page - NXP Semiconductors MPC602EC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MPC602EC/D
(Motorola Order Number)
5/96
SC229897-00
(IBM Order Number)
The PowerPC name, the PowerPC logotype, and PowerPC 602 are trademarks of International Business Machines Corporation,
used by Motorola under license from International Business Machines Corporation.
This document contains information on a new product under development by Motorola and IBM. Motorola and IBM reserve the right to
© Motorola Inc., 1996. All rights reserved.
Portions hereof
© International Business Machines Corporation, 1991–1996. All rights reserved.
™
change or discontinue this product without notice.
Advance Information
PowerPC 602™ RISC Microprocessor
Hardware Specification
The PowerPC 602 microprocessor is an implementation of the PowerPC
™ family of
reduced instruction set computing (RISC) microprocessors. This document contains
pertinent information on the physical characteristics of the 602. For functional
characteristics of the processor, refer to the PowerPC 602 RISC Microprocessor User’s
Manual.
This document contains the following topics:
Topic
Page
Section 1.1, “Overview”
2
Section 1.2, “General Parameters”
5
Section 1.3, “Electrical and Thermal Characteristics”
5
Section 1.4, “Pinout Diagram”
15
Section 1.5, “Pinout Listing”
16
Section 1.6, “Package Description”
18
Section 1.7, “System Design Information”
22
Section 1.8, “Ordering Information”
25
In this document, the term “602” is used as an abbreviation for the phrase “PowerPC 602
microprocessor.” The PowerPC 602 microprocessors are available from Motorola as
MPC602 and from IBM as PPC602 and EMPPC602.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC602EC/D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC603AFE66AC NXP-MPC603AFE66AC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC603AFE66CC NXP-MPC603AFE66CC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
More results

Similar Description - MPC602EC/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
NXP Semiconductors
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603EC NXP-MPC603EC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
MPC604EC NXP-MPC604EC Datasheet
731Kb / 32P
PowerPC 604™ RISC Microprocessor Hardware Specifications
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com