Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors MPC602EC/D Datasheet HTML 24Page - NXP Semiconductors MPC602EC/D Datasheet HTML 25Page - NXP Semiconductors MPC602EC/D Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
PowerPC 602 RISC Microprocessor Hardware Specifications
measured above, the junction temperature of the device would be as follows:
Tj = Ta + Rθja * P
Tj = 40 °C + (10 °C/Watt * 2.5 Watts) = 65 °C
which is well within the reliability limits of the device.
Notes:
1. Junction-to-ambient thermal resistance is based on measurements on single-sided printed circuit
boards per SEMI (Semiconductor Equipment and Materials International) G38-87 in natural
convection.
2. Junction-to-case thermal resistance is based on measurements using a cold plate per
SEMI G30-88 with the exception that the cold plate temperature is used for the case temperature.
The vendors who supply heat sinks are Aavid Engineering, IERC, Thermalloy, and Wakefield Engineering.
Any of these vendors can supply heat sinks with sufficient thermal performance.
1.7.6 Thermal Management Information for the IBM Package
This section provides a thermal management example for the 602; this example is based on a typical desktop
configuration using a 144-lead, mm x mm, IBM PQFP package.
1.7.6.1 Thermal Characteristics for the IBM PQFP Package
The thermal characteristics for a PQFP package are as follows:
Thermal resistance (junction to heat sink) = Rθjs or θjs = 2.8°C/Watt (junction to heat sink)
1.7.6.2 Thermal Management Example
The following example is based on a typical desktop configuration using an IBM PQFP package. The heat
sink used for this data is a pinfin heat sink #2338 attached to the PQFP package with 2-stage epoxy.
The junction temperature can be calculated from the junction-to-ambient thermal resistance, as follows:
Junction temperature = Tj = Ta + Rθja * P
or
Tj = Ta + (Rθjs + Rsa) * P
Where:
Ta is the ambient temperature in the vicinity of the device
Rθja is the junction-to-ambient thermal resistance
Rθjs is the junction-to-heat sink thermal resistance
Rsa is the heat sink-to-ambient thermal resistance
P is the power dissipated by the device
Note: Rθjs includes the resistance of a typical layer of thermal compound. If a lower conductivity
material is used, its thermal resistance must be included.
In this environment, it can be assumed that all the heat is dissipated to the ambient through the heat sink, so
the junction-to-ambient thermal resistance is the sum of the resistances from the junction to the heat sink
and from the heat sink to the ambient.
Note that verification of external thermal resistance and case temperature should be performed for each
application. Thermal resistance can vary considerably due to many factors including degree of air
turbulence.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com