Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 14Page - NXP Semiconductors MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors MPC602EC/D Datasheet HTML 16Page - NXP Semiconductors MPC602EC/D Datasheet HTML 17Page - NXP Semiconductors MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
PowerPC 602 RISC Microprocessor Hardware Specifications
1.6 Package Description
The following sections provide the package parameters and the mechanical dimensions for the 602. Note
that the 602 is currently offered in PQFP packages—the Motorola PQFP and the IBM PQFP.
1.6.1 Motorola Wire-Bond PQFP Package Description
The following sections provide the package parameters and mechanical dimensions for the Motorola wire-
bond PQFP package.
1.6.1.1 Package Parameters
The package parameters are as provided in the following list. The package type is mm x mm, 144-pin plastic
quad flat pack.
Package outline
28 mm x 28 mm
Interconnects
144
Pitch
0.65 mm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com