Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors MPC602EC/D Datasheet HTML 24Page - NXP Semiconductors MPC602EC/D Datasheet HTML 25Page - NXP Semiconductors MPC602EC/D Datasheet HTML 26Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
25
1.8 Ordering Information
This section provides the ordering information for the 602. Note that the individual part numbers correspond
to a specific combination of 602 internal/bus frequencies, which must be observed to ensure proper
operation of the device. For other frequency combinations, temperature ranges, power-supply tolerances
package types, etc., contact your local Motorola or IBM sales office.
1.8.1 Motorola Part Number Key
Figure 13 provides a detailed description of the Motorola part number for the 602.
Figure 13. Motorola Part Number Key
1.8.2 IBM Part Number Key
Figure 14 provides a detailed description of the IBM part number for the 602.
Figure 14. IBM Part Number Key
MPC 602 A XXXX X X
Product Code
Part Identifier
Part Modifier
Bus Divider
Processor Speed
Package
(A = Alpha—Original Design)
(Wire-Bond PQFP)
(C = 2:1 Processor to Bus,
E = 3:1 Processor to Bus)
Revision Level
(Contact a Local Motorola Sales Office)
(F = PQFP)
Part Identifier
PPC 602 – F X– 0XX
Package
Revision Level
Internal Speed
(Contact a Local IBM Sales Office)
Product Code
(F = PQFP)
Part Identifier
EMPPC 602 – F X– 0XX
Package
Revision Level
Internal Speed
(Contact a Local IBM Sales Office)
Product Code
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com