Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC/D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC602EC/D
Description  PowerPC 602TM RISC Microprocessor Hardware Specification
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC602EC/D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC602EC/D Datasheet HTML 15Page - NXP Semiconductors MPC602EC/D Datasheet HTML 16Page - NXP Semiconductors MPC602EC/D Datasheet HTML 17Page - NXP Semiconductors MPC602EC/D Datasheet HTML 18Page - NXP Semiconductors MPC602EC/D Datasheet HTML 19Page - NXP Semiconductors MPC602EC/D Datasheet HTML 20Page - NXP Semiconductors MPC602EC/D Datasheet HTML 21Page - NXP Semiconductors MPC602EC/D Datasheet HTML 22Page - NXP Semiconductors MPC602EC/D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
PowerPC 602 RISC Microprocessor Hardware Specifications
19
1.6.1.2 Mechanical Dimensions of the Motorola Wire-Bond PQFP Package
Figure 10 shows the mechanical dimensions for the Motorola wire-bond PQFP package.
Figure 10. Mechanical Dimensions of the Motorola Wire-Bond PQFP Package
Min.
Max.
A
27.90 28.10
B
31.10 31.37
C
3.45
3.85
D
0.65 BSC
E
0.22
0.38
F
3.17
3.67
G
0.25
0.35
H
0.75
0.92
J
0.25
.35
AA
1.60 REF
AB
.40
—
θ10°
—
θ20°
7
°
R
.13
.30
T
.13
—
Pin 144
C
A
B
Pin 1
DE
*Not to scale
F
J
Die
Wire Bonds
Plastic Body
Alloy 42 Leads
Notes:
1. BSC—Between Standard Centers.
2. All measurements in mm.
AB
θ1
AA
θ2
H
G
T
R
PRELIMINARY
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com