Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 30Page - fujitsu semiconductor MB95F118MS Datasheet HTML 31Page - fujitsu semiconductor MB95F118MS Datasheet HTML 32Page - fujitsu semiconductor MB95F118MS Datasheet HTML 33Page - fujitsu semiconductor MB95F118MS Datasheet HTML 34Page - fujitsu semiconductor MB95F118MS Datasheet HTML 35Page - fujitsu semiconductor MB95F118MS Datasheet HTML 36Page - fujitsu semiconductor MB95F118MS Datasheet HTML 37Page - fujitsu semiconductor MB95F118MS Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
MB95110M Series
34
3.
DC Characteristics
(Vcc
= AVcc = 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“H” level output
voltage
VOH1
Output pin
other than
P00 to P07
IOH
= − 4.0 mA
VCC
− 0.5
⎯⎯
V
VOH2 P00 to P07
IOH
= − 8.0 mA
VCC
− 0.5
⎯⎯
V
“L” level output
voltage
VOL1
Output pin
other than
P00 to P07
IOL
= 4.0 mA
⎯⎯
0.4
V
VOL2 P00 to P07
IOL
= 12 mA
⎯⎯
0.4
V
Open-drain out-
put application
voltage
VD
P50, P51
⎯
Vss
− 0.3
⎯
Vss
+ 5.5
V
Input leakage
current (Hi-Z
output leakage
current)
ILI
Port other
than P50, P51
0.0 V < VI < Vcc
− 5
⎯
+ 5
µA
When the pull-up
prohibition setting
Open-drain
output leakage
current
ILIOD P50, P51
0.0 V < VI < Vss
+
5.5 V
⎯⎯
5
µA
Pull-up resistor
RPULL
P10 to P15,
P20 to P24,
P30 to P37,
PG1*1, PG2*1
VI
= 0.0 V
25
50
100
k
Ω
When the pull-up
permission setting
Pull-down
resistor
RMOD MOD
VI
= Vcc
25
50
100
k
Ω
MASK ROM
product
Power supply
current*2
ICC
Vcc
(External
clock
operation)
VCC
= 5.5 V
FCH
= 20 MHz
FMP
= 10 MHz
Main clock mode
(divided by 2)
⎯
9.5
12.5
mA
Flash memory
product (at other
than Flash memory
writing and
erasing)
⎯
30
35
mA
Flash memory
product (at Flash
memory writing and
erasing)
⎯
7.2
9.5
mA
MASK ROM
product
VCC
= 5.5 V
FCH
= 32 MHz
FMP
= 16 MHz
Main clock mode
(divided by 2)
⎯
15.2
20.0
mA
Flash memory
product (at other
than Flash memory
writing and
erasing)
⎯
35.7
42.5
mA
Flash memory
product (at Flash
memory writing and
erasing)
⎯
11.6
15.2
mA
MASK ROM
product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com