Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 36Page - fujitsu semiconductor MB95F118MS Datasheet HTML 37Page - fujitsu semiconductor MB95F118MS Datasheet HTML 38Page - fujitsu semiconductor MB95F118MS Datasheet HTML 39Page - fujitsu semiconductor MB95F118MS Datasheet HTML 40Page - fujitsu semiconductor MB95F118MS Datasheet HTML 41Page - fujitsu semiconductor MB95F118MS Datasheet HTML 42Page - fujitsu semiconductor MB95F118MS Datasheet HTML 43Page - fujitsu semiconductor MB95F118MS Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
MB95110M Series
40
131.072 kHz
16.384 kHz
2.45
5.5
32 kHz
10 MHz
4 MHz
3 MHz
5 MHz 6 MHz 7 MHz 8 MHz 9 MHz
3 MHz
4 MHz
5 MHz
6 MHz
7 MHz
8 MHz
9 MHz
10 MHz
7.5 MHz
16.25 MHz
0.5 MHz
5.5
2.45
3 MHz
10 MHz
3.5
• Main PLL operation frequency
Main clock frequency (FMP)
× 2.5
× 2
× 1
Source clock frequency (FSPL)
Main clock operating guarantee range
Sub PLL operating guarantee range
Sub clock mode, watch mode,
operating guarantee range
Main clock mode, main PLL mode,
operating guarantee range
PLL operating guarantee range
PLL operating guarantee range
Source clock frequency (FSP)
• Operating voltage − Operating frequency (TA = + 5 °C to + 35 °C)
• MB95FV100D-103
10 MHz
0.5MHz
2.7
3 MHz
5.5
131.072 kHz
16.384 kHz
2.7
32 kHz
5.5
3.5
16.25 MHz
Source clock frequency (FSPL)
Sub PLL, sub clock mode and
watch mode operation guarantee range
PLL operation guarantee range
Source clock frequency (FSP)
PLL operation guarantee range
Main clock operation guarantee range
Main clock mode and main PLL mode
operation guarantee range
• Operating voltage − Operating frequency (TA = − 40 °C to + 85 °C)
• MB95F114MS/F114NS/F116MS/F116NS/F118MS/F118NS/F114MW/F114NW/F116MW/F116NW/F118MW/F118 NW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com