Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 50Page - fujitsu semiconductor MB95F118MS Datasheet HTML 51Page - fujitsu semiconductor MB95F118MS Datasheet HTML 52Page - fujitsu semiconductor MB95F118MS Datasheet HTML 53Page - fujitsu semiconductor MB95F118MS Datasheet HTML 54Page - fujitsu semiconductor MB95F118MS Datasheet HTML 55Page - fujitsu semiconductor MB95F118MS Datasheet HTML 56Page - fujitsu semiconductor MB95F118MS Datasheet HTML 57Page - fujitsu semiconductor MB95F118MS Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
MB95110M Series
54
(9) Low Voltage Detection
(AVss
= Vss = 0.0 V, TA = −40 °C to + 85 °C)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
Release voltage
VDL+
2.55
2.70
2.85
V
At power-supply rise
Detection voltage
VDL-
2.45
2.60
2.75
V
At power-supply fall
Hysteresis width
VHYS
70
100
⎯
mV
Power-supply start voltage
Voff
⎯⎯
2.3
V
Power-supply end voltage
Von
4.9
⎯⎯
V
Power-supply voltage
change time
(at power supply rise)
tr
0.3
⎯⎯
µs
Slope of power supply that reset release
signal generates
⎯
3000
⎯µs
Slope of power supply that reset release
signal generates within rating (VDL+)
Power-supply voltage
change time
(at power supply fall)
tf
300
⎯⎯
µs
Slope of power supply that reset
detection signal generates
⎯
300
⎯µs
Slope of power supply that reset
detection signal generates within rating
(VDL-)
Reset release delay time
td1
⎯⎯
400
µs
Reset detection delay time
td2
⎯⎯
30
µs
Current consumption
ILVD
⎯
38
50
µA
Current consumption for low voltage
detection circuit only
VHYS
td2
td1
tr
tf
VCC
VCC
Von
Voff
VDL+
VDL-
Internal reset signal
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com