Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 36 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 36 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 32Page - fujitsu semiconductor MB95F118MS Datasheet HTML 33Page - fujitsu semiconductor MB95F118MS Datasheet HTML 34Page - fujitsu semiconductor MB95F118MS Datasheet HTML 35Page - fujitsu semiconductor MB95F118MS Datasheet HTML 36Page - fujitsu semiconductor MB95F118MS Datasheet HTML 37Page - fujitsu semiconductor MB95F118MS Datasheet HTML 38Page - fujitsu semiconductor MB95F118MS Datasheet HTML 39Page - fujitsu semiconductor MB95F118MS Datasheet HTML 40Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
MB95110M Series
36
(Continued)
(Vcc
= AVcc = 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Single clock product only
*2 :
• The power-supply current is determined by the external clock. When both low voltage detection option is
selected, the power-supply current will be a value of adding current consumption of the low voltage detection
circuit (ILVD) to the specified value.
• Refer to “4. AC Characteristics (1) Clock Timing” for FCH and FCL.
• Refer to “4. AC Characteristics (2) Source Clock/Machine Clock” for FMP and FMPL.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current*2
ICCSPLL
VCC
(
External clock
operation) *2
VCC
= 5.5 V
FCL
= 32 kHz
FMPL
= 128 kHz
Sub PLL mode
(multiplied by 4)
TA
= + 25 °C
⎯
160
400
µA
ICTS
VCC
= 5.5 V
FCH
= 10 MHz
Timebase timer mode
TA
= + 25 °C
⎯
0.15
1.10
mA
VCC
= 5.5 V
FCH
= 16 MHz
Timebase timer mode
TA
= + 25 °C
⎯
0.24
1.76
mA
ICCH
VCC
= 5.5 V
Sub stop mode
TA
= + 25 °C
⎯
520
µA
Main stop
mode for single
clock product
ILVD
VCC
Current consumption for
low voltage detection
circuit only
⎯
38
50
µA
IA
AVcc
VCC
= 5.5 V
FCH
= 16 MHz
At operating of A/D
conversion
⎯
2.4
4.7
mA
IAH
VCC
= 5.5 V
FCH
= 16 MHz
At stopping A/D
conversion
TA
= + 25 °C
⎯
15
µA
Input
capacitance
CIN
Other than AVcc,
AVss, Vcc, Vss
f
= 1 MHz
⎯
515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com