Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB95F118MS Datasheet HTML 1Page - fujitsu semiconductor MB95F118MS Datasheet HTML 2Page - fujitsu semiconductor MB95F118MS Datasheet HTML 3Page - fujitsu semiconductor MB95F118MS Datasheet HTML 4Page - fujitsu semiconductor MB95F118MS Datasheet HTML 5Page - fujitsu semiconductor MB95F118MS Datasheet HTML 6Page - fujitsu semiconductor MB95F118MS Datasheet HTML 7Page - fujitsu semiconductor MB95F118MS Datasheet HTML 8Page - fujitsu semiconductor MB95F118MS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
MB95110M Series
5
(Continued)
*1 : For ROM capacity and RAM capacity, refer to “1. Memory space” in “■ CPU CORE”.
*2 : For details of option, refer to “■ MASK OPTION”.
*3 : Specify clock mode when ordering MASK ROM.
*4 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of the evaluation device in MB95110M series is MB95FV100D-103. When using it, the MCU
board (MB2146-303A) is required.
MB95117M
MB95F114MS
MB95F116MS
MB95F118MS
MB95F114NS
MB95F116NS
MB95F118NS
MB95F114MW
MB95F116MW
MB95F118MW
MB95F114NW
MB95F116NW
MB95F118NW
LIN-UART
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer
capable.
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(8 channels)
8-bit or 10-bit resolution can be selected.
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer
× 1 channel”.
Built-in timer function, PWC function, PWM function, capture function, and square
waveform output
Count clock : 7 internal clocks and external clock can be selected
16-bit PPG
PWM mode or one-shot mode can be selected.
Counter operating clock : 8 selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as “8-bit PPG
× 2 channels” or “16-bit PPG ×
1 channel”.
Counter operating clock : Eight selectable clock sources
Watch counter
(for dual clock product)
Count clock : 4 selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1minute when
selecting clock source 1 second and setting counter value to 60)
Watch prescaler
(for dual clock product)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(8 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *4
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch (for dual clock product) , and timebase timer
Part number
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com