Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 5Page - fujitsu semiconductor MB95F118MS Datasheet HTML 6Page - fujitsu semiconductor MB95F118MS Datasheet HTML 7Page - fujitsu semiconductor MB95F118MS Datasheet HTML 8Page - fujitsu semiconductor MB95F118MS Datasheet HTML 9Page - fujitsu semiconductor MB95F118MS Datasheet HTML 10Page - fujitsu semiconductor MB95F118MS Datasheet HTML 11Page - fujitsu semiconductor MB95F118MS Datasheet HTML 12Page - fujitsu semiconductor MB95F118MS Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
MB95110M Series
9
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
Circuit
type*
Function
1
P65/SCK
K
General-purpose I/O port.
The pin is shared with LIN-UART clock I/O.
2
P66/SOT
General-purpose I/O port.
The pin is shared with LIN-UART data output.
3
P67/SIN
L
General-purpose I/O port.
The pin is shared with LIN-UART data input.
4
P37/AN07
J
General-purpose I/O port.
The pins are shared with A/D converter analog input.
5
P36/AN06
6
P35/AN05
8
P34/AN04
9
P33/AN03
10
P32/AN02
11
P31/AN01
12
P30/AN00
13
AVss
⎯
A/D converter power supply pin (GND)
14
AVcc
⎯
A/D converter power supply pin
15
P24/EC0
H
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 clock input.
16
P23/TO01
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch.0 output.
17
P22/TO00
18
P21/PPG01
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch.0 output.
19
P20/PPG00
21
P51/SDA0
I
General-purpose I/O port.
The pin is shared with I2C ch.0 data I/O.
22
P50/SCL0
General-purpose I/O port.
The pin is shared with I2C ch.0 clock I/O.
23
MOD
B
Operating mode designation pin
24
X0
A
Main clock oscillation input pin
25
X1
Main clock oscillation I/O pin
26
Vss
⎯
Power supply pin (GND)
27
Vcc
⎯
Power supply pin
28
C
⎯
Capacitor connection pin
29
PG2/X1A
H/A
Single clock product is general-purpose port (PG2).
Dual clock product is sub clock I/O oscillation pin (32 kHz).
30
PG1/X0A
Single clock product is general-purpose port (PG1).
Dual clock product is sub clock input oscillation pin (32 kHz).
31
RST
B’
Reset pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com