Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 23Page - fujitsu semiconductor MB95F118MS Datasheet HTML 24Page - fujitsu semiconductor MB95F118MS Datasheet HTML 25Page - fujitsu semiconductor MB95F118MS Datasheet HTML 26Page - fujitsu semiconductor MB95F118MS Datasheet HTML 27Page - fujitsu semiconductor MB95F118MS Datasheet HTML 28Page - fujitsu semiconductor MB95F118MS Datasheet HTML 29Page - fujitsu semiconductor MB95F118MS Datasheet HTML 30Page - fujitsu semiconductor MB95F118MS Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
MB95110M Series
27
(Continued)
• R/W access symbols
• Initial value symbols
Note : Do not write to the “ (Disabled) ”. Reading the “ (Disabled) ” returns an undefined value.
Address
Register
abbreviation
Register name
R/W
Initial value
0FB0H
to
0FBBH
⎯
(Disabled)
⎯⎯
0FBCH
BGR1
LIN-UART baud rate generator register 1
R/W
00000000B
0FBDH
BGR0
LIN-UART baud rate generator register 0
R/W
00000000B
0FBEH
PSSR0
UART/SIO dedicated baud rate generator
prescaler selection register ch.0
R/W
00000000B
0FBFH
BRSR0
UART/SIO dedicated baud rate generator
baud rate setting register ch.0
R/W
00000000B
0FC0H
to
0FC2H
⎯
(Disabled)
⎯⎯
0FC3H
AIDRL
A/D input disable register (Lower byte)
R/W
00000000B
0FC4H
to
0FE2H
⎯
(Disabled)
⎯⎯
0FE3H
WCDR
Watch counter data register
R/W
00111111B
0FE4H
to
0FE6H
⎯
(Disabled)
⎯⎯
0FE7H
ILSR2
Input level select register 2
R/W
00000000B
0FE8H
to
0FEDH
⎯
(Disabled)
⎯⎯
0FEEH
ILSR
Input level select register
R/W
00000000B
0FEFH
WICR
Interrupt pin control register
R/W
01000000B
0FF0H
to
0FFFH
⎯
(Disabled)
⎯⎯
R/W
: Readable/Writable
R
: Read only
W
: Write only
0
: The initial value of this bit is “0”.
1
: The initial value of this bit is “1”.
X
: The initial value of this bit is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com